PART |
Description |
Maker |
ALC5627 |
I2S / PCM Stereo DAC Multiple Analog Input/Headphone/Mono Class-D Speaker Amplifier
|
Realtek Microelectronics
|
AK4523 AK4523VF AKD4523 |
20-bit stereo ADC & DAC 20BIT STEREO ADC & DAC 20-bit 48kHz 100dB stereo codec
|
AKM[Asahi Kasei Microsystems]
|
CS43L42-KZZ |
Low Voltage,Stereo DAC With Headphone Amp SERIAL INPUT LOADING, 24-BIT DAC, PDSO24 Low Voltage,Stereo DAC With Headphone Amp
|
Cirrus Logic, Inc.
|
CS4391A-KZ CS4391A-KS CS4391A-KZZ |
24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL SERIAL INPUT LOADING, 24-BIT DAC, PDSO20 24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL 2492千赫立体声DAC控制音量
|
Cirrus Logic, Inc.
|
TDA1311AT TDA1311A |
Stereo Continuous Calibration DAC CC-DAC
|
Philips Semiconductors
|
CS4391-KZ |
24-Bit / 192 kHz Stereo DAC with Volume Control RECT SCHOTTKY 100V 3A POWERMITE3 SERIAL INPUT LOADING, 24-BIT DAC, PDSO20
|
Cirrus Logic, Inc.
|
BS616LV1626TI BS616LV1622TC-55 BS616LV1622TC-70 BS |
Asynchronous 16M(2Mx8 or 1Mx16 Switchable) bits Static RAM Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable LM4922 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4921 Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20 非常低功电压CMOS SRAM00万16M × 8位开 LM4921? Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20
|
Brilliance Semiconducto... http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
PA5144 |
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
|
Protek Devices
|
AL1201 |
stereo DAC
|
Alesis Semiconductor ETC[ETC] List of Unclassifed Manufacturers
|
WM8725CGED WM8725CGED/R WM872512 |
99dB Stereo DAC
|
Wolfson Microelectronics plc
|